PART |
Description |
Maker |
ISL5500206 ISL55002IBZ-T7 ISL55002 ISL55002IB-T13 |
High Supply Voltage 200MHz Unity-Gain Stable Operational Amplifier
|
INTERSIL[Intersil Corporation]
|
15SMC68A 1.5SMC10A 1.5SMC100A 1.5SMC8.2A 1.5SMC6.8 |
TVS: Unidirectional Uni-Directional Glass Passivated Junction Transient Voltage Suppressors(?荤┛?靛?9.1V,????荤???????????靛?????? UNI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 1500 WATTS, 6.8 THRU 200 VOLTS 1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE Uni-Directional Glass Passivated Junction Transient Voltage Suppressors(击穿电压9.1V,单向玻璃钝化节点瞬变电压抑制 FLK 14/EZ-DR/1000 KONFEK Uni-Directional Glass Passivated Junction Transient Voltage Suppressors(击穿电压6.8V,单向玻璃钝化节点瞬变电压抑制 Uni-Directional Glass Passivated Junction Transient Voltage Suppressors(击穿电压8.2V,单向玻璃钝化节点瞬变电压抑制 UNI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 1500 WATTS/ 6.8 THRU 200 VOLTS
|
Taiwan Semiconductor Central Semiconductor, Corp. Central Semiconductor Corp. Central Semiconductor C...
|
ZM33164-3 ZM331643C ZM331643G ZM331643N8 ZM33164-3 |
IC-SM-SUPPLY MONITOR SOT223 集成电路钐电源监视器的SOT223 SUPPLY VOLTAGE MONITOR 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO8 IC-SUPPLY MONITOR 集成电路电源监视 SUPPLY VOLTAGE MONITOR 电源电压监视 IC-SM-SUPPLY MONITOR 集成电路钐电源监视器
|
Zetex Semiconductor PLC Zetex Semiconductors
|
R2005280L |
Si Reverse, low current, 5 - 200MHz, 28.2dB typ. Gain @ 200MHz, 135mA max. @ 24VDC
|
PREMIER DEVICES, INC.
|
5962-9458507HMA 5962-9458507HMC 5962-9458506H9A 59 |
Low-Cost, Micropower, High-Side Current-Sense Amplifier Comparator Reference ICs EEPROM EEPROM Single/Dual/Quad, Low-Cost, UCSP/SOT23, Low-Power, Rail-to-Rail I/O Op Amps EEPROM High-Speed, Low-Power, Single-Supply Multichannel, Video Multiplexer-Amplifiers EEPROM Low-Cost, 3V/ 5V, 620µA, 200MHz, Single-Supply Op Amps with Rail-to-Rail Outputs EEPROM
|
Silicon Storage Technology, Inc. Glenair, Inc.
|
HA-2640 HA-2645 |
Op Amp, 4MHz, High Supply Voltage, 4mV Max Offset Voltage Op Amp, 4MHz, High Supply Voltage, 6mV Max Offset Voltage
|
Intersil
|
TML15212 TML05112 TML15105 TML15124 TML05205 TML10 |
Encapsulated Power Supply 15 Watt, input voltage range: 85-264V, output voltage /-12V ( /-650mA), encapsulated power supply 15 Watt, input voltage range: 85-264V, output voltage 5/ /-15V (2000/ /-150mA), encapsulated power supply 30 Watt, input voltage range: 85-264V, output voltage 12V (2500mA), encapsulated power supply 30 Watt, input voltage range: 85-264V, output voltage 15V (2000mA), encapsulated power supply 30 Watt, input voltage range: 85-264V, output voltage /-5V ( /-3000mA), encapsulated power supply 15 Watt, input voltage range: 85-264V, output voltage 15V (1000mA), encapsulated power supply 15 Watt, input voltage range: 85-264V, output voltage /-5V ( /-1500mA), encapsulated power supply 15 Watt, input voltage range: 85-264V, output voltage 12V (1250mA), encapsulated power supply 30 Watt, input voltage range: 85-264V, output voltage /-12V ( /-1300mA), encapsulated power supply 30 Watt, input voltage range: 85-264V, output voltage 24V (1250mA), encapsulated power supply 30 Watt, input voltage range: 85-264V, output voltage 5V (6000mA), encapsulated power supply 30 Watt, input voltage range: 85-264V, output voltage 3.3V (6000mA), encapsulated power supply 15 Watt, input voltage range: 85-264V, output voltage 5/ /-12V (2000/ /-200mA), encapsulated power supply 15 Watt, input voltage range: 85-264V, output voltage /-15V ( /-500mA), encapsulated power supply 15 Watt, input voltage range: 85-264V, output voltage 24V (625mA), encapsulated power supply
|
TRACOPOWER[TRACO Electronic AG] TRACO[Traco Electronic AG]
|
BR25H020-W BR25H020-WE2 BR25H010F-WE2 BR25H010FJ-W |
HIGH GRADE Specification HIGH RELIABILITY series SPI BUS Serial EEPROMs Supply voltage 2.5V~5.5V Operating temperature -40∑C ~ 125∑C type HIGH GRADE Specification HIGH RELIABILITY series SPI BUS Serial EEPROMs Supply voltage 2.5V~5.5V Operating temperature -40°C ~ 125°C type HIGH GRADE Specification HIGH RELIABILITY series SPI BUS Serial EEPROMs Supply voltage 2.5V~5.5V Operating temperature -40掳C ~ 125掳C type HIGH GRADE Specification HIGH RELIABILITY series SPI BUS Serial EEPROMs Supply voltage 2.5V~5.5V Operating temperature -40隆?C ~ 125隆?C type
|
Rohm
|
1N5613 1N5610 1N5611 1N5612 |
UNI-DIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
|
EIC discrete Semiconductors
|
30KPA54A 30KPA84A 30KPA84C 30KPA132CA 30KPA43 30KP |
Diode TVS Single Uni-Dir 54V 30KW 2-Pin Case P600 T/R Diode TVS Single Uni-Dir 84V 30KW 2-Pin Case P600 T/R Diode TVS Single Bi-Dir 84V 30KW 2-Pin Case P600 T/R Diode TVS Single Bi-Dir 132V 30KW 2-Pin Case P600 T/R Diode TVS Single Uni-Dir 43V 30KW 2-Pin Case P600 T/R Diode TVS Single Uni-Dir 30V 30KW 2-Pin Case P600 T/R Diode TVS Single Uni-Dir 320V 30KW 2-Pin Diode TVS Single Uni-Dir 400V 30KW 2-Pin Case P-600 Diode TVS Single Bi-Dir 30V 30KW 2-Pin Case P600 T/R Diode TVS Single Bi-Dir 42V 30KW 2-Pin Case P600 T/R Diode TVS Single Uni-Dir 51V 30KW 2-Pin Case P600 T/R Diode TVS Single Bi-Dir 51V 30KW 2-Pin Case P600 T/R Diode TVS Single Uni-Dir 58V 30KW 2-Pin Case P600 T/R Diode TVS Single Bi-Dir 60V 30KW 2-Pin Case P600 T/R Diode TVS Single Uni-Dir 60V 30KW 2-Pin Case P600 T/R Diode TVS Single Uni-Dir 288V 30KW 2-Pin Case P600 T/R Diode TVS Single Uni-Dir 144V 30KW 2-Pin Case P600 T/R Diode TVS Single Bi-Dir 72V 30KW 2-Pin Case P600 T/R Diode TVS Single Bi-Dir 198V 30KW 2-Pin Case P600 T/R Diode TVS Single Uni-Dir 72V 30KW 2-Pin Case P600 T/R Diode TVS Single Uni-Dir 71V 30KW 2-Pin Case P600 T/R Diode TVS Single Bi-Dir 66V 30KW 2-Pin Case P600 T/R Diode TVS Single Uni-Dir 66V 30KW 2-Pin Case P600 T/R Diode TVS Single Uni-Dir 108V 30KW 2-Pin Case P600 T/R Diode TVS Single Bi-Dir 108V 30KW 2-Pin Case P600 T/R Diode TVS Single Uni-Dir 102V 30KW 2-Pin Case P600 T/R Diode TVS Single Bi-Dir 102V 30KW 2-Pin Case P600 T/R Diode TVS Single Uni-Dir 132V 30KW 2-Pin Case P600 T/R Diode TVS Single Uni-Dir 78V 30KW 2-Pin Case P600 T/R Diode TVS Single Bi-Dir 78V 30KW 2-Pin Case P600 T/R Diode TVS Single Uni-Dir 198V 30KW 2-Pin Case P600 T/R Diode TVS Single Bi-Dir 64V 30KW 2-Pin Case P600 T/R
|
New Jersey Semiconductor
|
TX10005JASLPLNH TX1000 TX10005BASLPLNH TX10005CASL |
1000 Watt. AC/DC power supply. Output voltage 2.5V, output current 200A 1000 Watt. AC/DC power supply. Output voltage 18.0V, output current 56A 1000 Watt. AC/DC power supply. Output voltage 24.0V, output current 42A 1000 Watt. AC/DC power supply. Output voltage 28.0V, output current 36A 1000 Watt. AC/DC power supply. Output voltage 3.3V, output current 182A 1000 Watt. AC/DC power supply. Output voltage 15.0V, output current 67A 1000 Watt. AC/DC power supply. Output voltage 48.0V, output current 21A 1000 Watt. AC/DC power supply. Output voltage 36.0V, output current 28A 1000 WATT AC/DC POWER SUPPLY 1000 Watt. AC/DC power supply. Output voltage 20.0V, output current 50A
|
CANDD[C&D Technologies]
|
M29F040 M295V040-120N6R M295V040-120XK6R M295V040- |
Excalibur Low-Noise High-Speed JFET-Input Dual Operational Amplifier 8-SOIC JFET-Input Low Power High Drive Quad Operational Amplifier 14-CFP -55 to 125 JFET-Input Low Power High Drive Quad Operational Amplifier 14-SOIC 4兆位512KB的8,统一座单电源闪存 JFET-Input High Speed Low Noise Single Operational Amplifier 8-CDIP -55 to 125 4兆位512KB的8,统一座单电源闪存 Switch Mode Power Supply; Series:ZWS; Output Voltage:48VDC; Output Power Max:302.4W; Output Current:6.3A; Number of Outputs:1; Approval Bodies:UL, CSA, CE; Input Current Max:4A; Input Current Min:2A; Supply Voltage Max:265VAC 4兆位512KB的8,统一座单电源闪存 Switch Mode Power Supply; Series:ZWS; Output Voltage:36VDC; Output Power Max:302.4W; Output Current:8.4A; Number of Outputs:1; Leaded Process Compatible:No; Approval Bodies:UL, CSA, CE; Input Current Max:4A; Input Current Min:2A 4兆位512KB的8,统一座单电源闪存 Excalibur Low-Noise High-Speed JFET-Input Operational Amplifier 8-SOIC 4兆位512KB的8,统一座单电源闪存 Switch Mode Power Supply; Series:ZWS; Output Voltage:12VDC; Output Power Max:15W; Output Current:1.25A; Number of Outputs:1; Supply Voltage Max:265VAC; Supply Voltage Min:85VAC 4兆位512KB的8,统一座单电源闪存 JFET-Input Low Power High Drive Quad Operational Amplifier 14-CDIP -55 to 125 4兆位512KB的8,统一座单电源闪存 4 Mbit 512Kb x8, Uniform Block Single Supply Flash Memory 4兆位512KB的8,统一座单电源闪存 Switch Mode Power Supply; Series:ZWS; Output Voltage:24VDC; Output Power Max:300W; Output Current:12.5A; Number of Outputs:1; Approval Bodies:UL, CSA, CE; Input Current Max:4A; Input Current Min:2A; Supply Voltage Max:265VAC Switch Mode Power Supply; Series:ZWS; Output Voltage:48VDC; Output Power Max:206.4W; Output Current:4.3A; Number of Outputs:1; Approval Bodies:UL, CSA, CE; Input Current Max:2.8A; Input Current Min:1.4A; Supply Voltage Max:265VAC PSU, OPEN FRAME, 150W, 12V; Voltage, output:12V; Current, output:12.5A; Power rating:150W; Voltage, supply min:85V; Voltage, supply max:265V; Length / Height, external:40mm; Width, external:75mm; Depth, external:222mm; Frequency, RoHS Compliant: Yes Switch Mode Power Supply; Series:ZWS; Output Voltage:24VDC; Output Power Max:201.6W; Output Current:8.4A; Number of Outputs:1; Approval Bodies:UL, CSA, CE; Input Current Max:2.8A; Input Current Min:1.4A; Supply Voltage Max:265VAC POWER SUPPLY, 150 WATTS Switch Mode Power Supply; Series:ZWS; Output Voltage:36VDC; Output Power Max:201.6W; Output Current:5.6A; Number of Outputs:1; Approval Bodies:UL, CSA, CE; Input Current Max:2.8A; Input Current Min:1.4A; Supply Voltage Max:265VAC JFET-Input Low Power High Drive Quad Operational Amplifier 20-LCCC -55 to 125 4 Mbit 512Kb x8 / Uniform Block Single Supply Flash Memory
|
STMicroelectronics N.V. 意法半导 ST Microelectronics
|
|